|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER BZX55C Max. 0.5 SILICON PLANAR ZENER DIODES The Zener voltages are graded according to the international E24 standard. Other tolerances and higher Zener voltages are upon request. Max. 0.45 Max. 1.9 Min. 27.5 Max. 1.9 Min. 27.5 Black Cathode Band Black Part No. Black "ST" Brand Black Cathode Band XXX ST Max. 3.9 Black Part No. XXX Max. 2.9 Min. 27.5 Min. 27.5 Glass Case DO-35 Dimensions in mm Glass Case DO-34 Dimensions in mm Absolute Maximum Ratings (Ta = 25 OC) Parameter Power Dissipation Junction Temperature Storage Temperature Range 1) Symbol Ptot Tj TS Value 500 1) Unit mW O 175 - 55 to + 175 C C O Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case Characteristics at Ta = 25 OC Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 100 mA 1) Symbol RthA VF Max. 0.3 1 1) Unit K/mW V Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. Web Site: WWW.PS-PFS.COM BZX55C Zener Voltage Range 1) Type BZX55C0V8 BZX55C2V0 BZX55C2V2 BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 BZX55C100 BZX55C110 BZX55C120 BZX55C130 BZX55C150 BZX55C160 BZX55C180 BZX55C200 1) 2) 2) Dynamic Resistance rZJT Max.() 8 85 85 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 800 950 1250 1400 1700 2000 Reverse Leakage Current Ta =25OC Ta=125OC IR at VR Max.(A) Max.(A) V -100 75 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 -200 160 100 50 40 40 40 40 20 10 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 5 5 5 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 -1 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 Vznom V 0.8 2 2.2 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 lZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 1 1 1 1 1 1 1 for VZT V rZJK at Max.() 50 600 600 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 5500 6000 6500 7000 8500 10000 IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Temp. Coefficient of Zener Voltage TKvz %/K -0.26...-0.23 -0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.06...-0.03 -0.05...+0.02 -0.02...+0.02 -0.05...+0.05 0.03...0.06 0.03...0.07 0.03...0.07 0.03...0.08 0.03...0.09 0.03...0.1 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.73...0.83 1.8...2.15 2.08...2.33 2.28...2.56 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4...4.6 4.4...5 4.8...5.4 5.2...6 5.8...6.6 6.4...7.2 7...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70...79 77...87 85...96 94...106 104...116 114...127 124...141 138...156 153...171 168...191 188...212 Tested with pulses tp = 20 ms. The BZX55C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode lead to the negative pole. Web Site: WWW.PS-PFS.COM BZX55C Web Site: WWW.PS-PFS.COM |
Price & Availability of BZX55C |